|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
19-2418; Rev 0; 4/02 Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches General Description The DG411F/DG412F/DG413F are quad, single-pole/single-throw (SPST), fault-protected analog switches. They are pin compatible with the industry-standard nonprotected DG411/DG412/DG413. These new switches feature fault-protected inputs and Rail-to-Rail signalhandling capability. All terminals are protected from overvoltage faults up to 36V with power on and up to 40V with power off. During a fault condition, the COM, NO, or NC terminal becomes an open circuit and only microamperes of leakage current flow from the source. On-resistance is 35 (max) and is matched between switches to 1.5 (max) at +25C. The DG411F has four normally closed (NC) switches. The DG412F has four normally open (NO) switches. The DG413F has two NC and two NO switches. These CMOS switches operate with dual power supplies ranging from 4.5V to 20V or a single supply between +9V and +36V. All digital inputs have +0.8V and +2.4V logic thresholds, ensuring both TTL and CMOS logic compatibility when using 15V or a single +12V supply. For supply voltages of 5V, +5V, and +3V, refer to the MAX4711/MAX4712/MAX4713 data sheet. o Rail-to-Rail Signal Handling o All Switches Off with Power Off o All Switches Off when V+ is Off and V- is On o 40V Fault Protection with Power Off o 36V Fault Protection with 15V Supplies o Control Line Fault Protection from V- - 0.3V to V- + 40V o Pin Compatible with Industry-Standard DG411/DG412/DG413 o 20ns (typ) Fault Response Time o 35 (max) RON with 15V Supplies o 4.5V to 20V Dual Supplies o +9V to +36V Single Supply o TTL- and CMOS-Compatible Logic Inputs with 15V or Single +9V to +15V Supplies Features o No Power-Supply Sequencing Required DG411F/DG412F/DG413F Applications Communication Systems Signal Routing Test Equipment Data Acquisition Industrial and Process Control Systems Avionics Redundant/Backup Systems TOP VIEW IN1 COM1 NC1 VGND NC4 COM4 IN4 1 2 3 4 5 6 7 8 Ordering Information PART DG411FEUE DG411FDY DG411FDJ TEMP RANGE -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 TSSOP 16 SO 16 Plastic DIP Ordering Information continued at end of data sheet. Pin Configurations 16 IN2 15 COM2 14 NC2 13 V+ DG411F 12 N.C. 11 NC3 10 COM3 9 IN3 Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd. Functional Diagram appears at end of data sheet. Pin Configurations continued at end of data sheet. DIP/TSSOP/SO DG411F LOGIC SWITCH 0 1 ON OFF N.C. = NOT CONNECTED. SWITCHES SHOWN FOR LOGIC 0 INPUT. ALL SWITCHES ARE OFF WITH POWER REMOVED. ________________________________________________________________ Maxim Integrated Products 1 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to GND) V+ ...........................................................................-0.3V to +44V V- ............................................................................-44V to +0.3V V+ to V-...................................................................-0.3V to +44V IN_ ......................................................... (V- - 0.3V) to (V- + 40V) NO_, NC_ to COM_ (Note1) ................................... -40V to +40V COM_, NO_, NC_ Voltage with Power On (Note 1).............................................. -36V to +36V COM_, NO_, NC_ Voltage with Power Off (Note 1).............................................. -40V to +40V Continuous Current (any terminal) .................................. 30mA Peak Current COM_, NO_, NC_ (pulsed at 1ms, 10% duty cycle) ...............................100mA Continuous Power Dissipation (TA = +70C) 16-Pin TSSOP (derate 9.4mW/C above +70C) ....... 755mW 16-Pin SO (derate 8.7mW/C above +70C)................696mW 16-Pin Plastic DIP (derate 10.53mW/C above +70C) ........................................................ 842mW Operating Temperature Range .......................... -40C to +85C Junction Temperature .................................................... +150C Storage Temperature Range ........................... -65C to +160C Lead Temperature (soldering, 10s) ............................... +300C Note 1: COM_, NO_, and NC_ pins are fault protected. Signals on COM_, NO_, and NC_ exceeding -36V to +36V may damage the device during power-on conditions. When the power is off, the maximum range is -40V to +40V. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS--15V Dual Supplies (V+ = +15V, V- = -15V, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3) PARAMETER ANALOG SWITCH Fault-Free Analog Signal Range On-Resistance On-Resistance Match Between Channels (Note 4) On-Resistance Flatness NO_, NC_ Off-Leakage Current (Note 5) COM_ Off-Leakage Current (Note 5) COM_ On-Leakage Current (Note 5) FAULT V+ = +15V, V- = -15V Fault-Protected Analog Signal Range NO_ or NC_ Off-Leakage Current COM_ Off-Leakage Current VCOM_, VNO_, VNC_ INO_, INC_ ICOM_ V+ = 0, V- = -15V V+ = V- = 0 VNO_, VNC_ = 36V VCOM_ = 36V E E E +25C E +25C E -36 -36 -40 -1 -10 -1 -10 +36 +36 +40 +1 +10 +1 +10 A A V VCOM_, VNO_, VNC_ RON RON RFLAT(ON) INO_(OFF), INC_(OFF) ICOM_(OFF) ICOM_(ON) ICOM_ = 10mA, VNO_, VNC_ = 10V ICOM_ = 10mA, VNO_, VNC_ = 10V ICOM_ = 10mA, VNO_, VNC_ = 5V, 0 VCOM_ = 10V, VNO_, VNC_ = 10V VCOM_ = 10V, VNO_, VNC_ = 10V VCOM_ = 10V, VNO_, VNC_ = 10V or floating E +25C E +25C E +25C E +25C E +25C E +25C E -0.25 -20 -0.25 -20 -0.5 -40 +0.025 +0.025 +0.025 1.0 0.2 V25 V+ 35 45 1.5 2.0 3 4 +0.25 +20 +0.25 +20 +0.5 +40 V nA nA nA SYMBOL CONDITIONS TA MIN TYP MAX UNITS 2 _______________________________________________________________________________________ Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches ELECTRICAL CHARACTERISTICS--15V Dual Supplies (continued) (V+ = +15V, V- = -15V, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3) PARAMETER NO_ or NC_ Leakage Current COM_ Leakage Current NO_ or NC_ Off-Leakage Current COM_ Off-Leakage Current Fault-Trip Threshold Fault Output Turn-Off Delay Fault Recovery Time SWITCH DYNAMICS Turn-On Time Turn-Off Time Break-Before-Make Time Delay (DG413F only) (Note 6) Charge Injection NO_ or NC_ Off-Capacitance COM_ Off-Capacitance COM_ On-Capacitance Off-Isolation (Note 7) Channel-to-Channel Crosstalk (Note 8) LOGIC INPUT Input Logic High Input Logic Low Input Leakage Current POWER SUPPLY Power-Supply Range V+, VAll VIN_ = +5V, VCOM_ = 0 V+ Supply Current I+ All VIN_ = 0 or V+, VCOM_ = 0 E +25C E +25C E 155 4.5 355 20 600 800 300 400 A V VIH VIL IIN VIN_ = 0 or V+ E E E -1 2.4 0.8 +1 V V A tON tOFF tBBM Q CN_(OFF) CCOM_(ON) VISO VCT VNO_ or VNC_ = 10V, RL = 300, +25C CL = 35pF, Figure 2 E VNO_ or VNC_ = 10V, RL = 300, +25C CL = 35pF, Figure 2 E VNO_ or VNC_ = 10V, RL = 100, +25C CL = 10pF, Figure 3 E VGEN = 0, RGEN = 0, CL = 1nF, Figure 4 f = 1MHz, Figure 5 f = 1MHz, Figure 5 f = 1MHz, RL = 50, CL = 15pF, PIN = 0dBm, Figure 6 f = 1MHz, RL = 50, CL = 15pF, PIN = 0dBm, Figure 6 +25C +25C +25C +25C +25C +25C 2 1 5 15 15 47 -65 -105 70 55 15 175 220 145 160 ns ns ns pC pF pF pF dB dB SYMBOL INO_, INC_ ICOM_ INO_, INC_ ICOM_ CONDITIONS VNO_, VNC_ = 40V, V+ = V- = 0 VCOM_ = 40V, V+ = V- = 0 V+ = 0, V- = -15V, VNO_, VNC_ = 36V V+ = 0, V- = -15V, VCOM_ = 36V VNO_, VNC_ = 36V, RL = 1k VNO_, VNC_ = 36V, RL = 1k E +25C E +25C E +25C E E E E TA +25C MIN -1 -10 -1 -10 -1 -10 -1 -10 V- - 0.4 20 1 TYP MAX +1 +10 +1 +10 +1 +10 +1 +10 V+ + 0.4 UNITS A A A A V ns s DG411F/DG412F/DG413F CCOM_(OFF) f = 1MHz, Figure 5 _______________________________________________________________________________________ 3 Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F ELECTRICAL CHARACTERISTICS--15V Dual Supplies (continued) (V+ = +15V, V- = -15V, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3) PARAMETER SYMBOL CONDITIONS All VIN_ = +5V, VCOM_ = 0 V- Supply Current IAll VIN_ = 0 or V+, VCOM_ = 0 All VIN_ = +5V, VCOM_ = 0 GND Supply Current IGND All VIN_ = 0 or V+, VCOM_ = 0 E +25C E +25C E +25C E 0.1 200 155 TA +25C MIN TYP 155 MAX 250 325 250 325 350 475 1 10 A A UNITS ELECTRICAL CHARACTERISTICS--Single +12V Supply (V+ = +12V, V- = 0, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3) PARAMETER ANALOG SWITCH Fault-Free Analog Signal Range On-Resistance On-Resistance Match Between Channels (Note 4) NO_, NC_ Off-Leakage Current (Note 5) COM_ Off-Leakage Current (Note 5) COM_ On-Leakage Current (Note 5) FAULT Fault-Protected Analog Signal Range NO_ or NC_ Off-Leakage Current (Note 5) COM_ Off-Leakage Current (Note 5) NO_ or NC_ Leakage Current (Note 5) VCOM_, VNO_, VNC_ INO_, INC_ ICOM_ INO_, INC_ Power on Power off VNO_, VNC_ = 36V VNO_, VNC_ = 36V Supplies off, VNO_, VNC_ = 40V E E +25C E +25C E +25C E -36 -40 -1 -10 -1 -10 -1 -10 +36 +40 +1 +10 +1 +10 +1 +10 A V A A VCOM_, VNO_, VNC_ RON RON INO_(OFF), INC_(OFF) ICOM_(OFF) ICOM_ = 1mA, VNO_, VNC_ = +10V ICOM_ = 1mA, VNO_, VNC_ = +10V VCOM_ = +1V, +10V, VNO_, VNC_ = +10V, +1V VCOM_ = +1V, +10V, VNO_, VNC_ = +10V, +1V VCOM_ = +1V, +10V, VNO_, VNC_ = +1V, +10V, or floating E +25C E +25C E +25C E +25C E +25C E -0.25 -20 -0.5 -20 -0.5 -40 0 56 1.0 V+ 85 120 4 5 +0.25 +20 +0.25 +20 +0.5 nA +40 V nA nA SYMBOL CONDITIONS TA MIN TYP MAX UNITS ICOM_(ON) 4 _______________________________________________________________________________________ Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches ELECTRICAL CHARACTERISTICS--Single +12V Supply (continued) (V+ = +12V, V- = 0, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) (Notes 2, 3) PARAMETER COM_ Leakage Current (Note 5) +Fault Output Turn-Off Delay +Fault Recovery Time SWITCH DYNAMICS Turn-On Time Turn-Off Time Break-Before-Make Time Delay (DG413F Only) (Note 6) Charge Injection LOGIC INPUT Input Logic High Input Logic Low Input Leakage Current (Note 5) POWER SUPPLY Power-Supply Range V+ All VIN_ = +5V, VCOM_ = +6V V+ Supply Current I+ All VIN_ = 0 or V+, VCOM_ = +6V E +25C E +25C E 85 +9 180 +36 350 450 150 250 A V VIH VIL IIN VIN_ = 0 or V+ E E E -1 2.4 0.8 +1 V V A tON tOFF tBBM Q VNO_ or VNC_ = +10V, RL = 300, +25C CL = 35pF, Figure 2 E VNO_ or VNC_ = +10V, RL = 300, +25C CL = 35pF, Figure 2 E VNO_ or VNC_ = +10V, RL = 100, +25C CL = 10pF, Figure 3 E VGEN = 0, RGEN = 0, CL = 1nF, Figure 4 +25C 2 1 5 120 70 50 250 315 125 140 ns ns ns pC SYMBOL ICOM_ CONDITIONS Supplies off, VNO_, VNC_ = 40V VNO_, VNC_ = +36V, RL = 1k VNO_, VNC_ = +36V, RL = 1k E E E TA +25C MIN -1 -10 20 1 TYP MAX +1 +10 UNITS A ns s DG411F/DG412F/DG413F Note 2: Note 3: Note 4: Note 5: Note 6: Note 7: Note 8: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. Electrical specifications at -40C are not production tested and guaranteed by design. RON = RON(MAX) - RON(MIN). Leakage parameters are 100% tested at maximum rated temperature and with dual supplies and guaranteed by design at +25C. Guaranteed by design. Off-Isolation = 20 log10 [VCOM/(VNC or VNO)], VCOM = output, VNC or VNO = input to off switch. Between any two switches. _______________________________________________________________________________________ 5 Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F Typical Operating Characteristics (TA = +25C, unless otherwise noted.) ON-RESISTANCE vs. VCOM (DUAL SUPPLIES) DG411 toc01 ON-RESISTANCE vs. VCOM AND TEMPERATURE (DUAL SUPPLIES) DG411 toc02 ON-RESISTANCE vs. VCOM (SINGLE SUPPLY) V+ = +9V V- = 0 V+ = +12V V- = 0 V+ = +15V V+ = +24V V- = 0 V- = 0 DG411 toc03 100 V+ = +5V V- = -5V 80 50 V+ = +15V V- = -15V 40 TA = +85C 100 80 RON () RON () 40 V+ = +15V V- = -15V V+ = +10V V- = -10V TA = +25C 20 TA = -40C RON () 60 30 60 40 20 V+ = +20V V- = -20V -20 -15 -10 -5 0 VCOM (V) 5 10 15 20 10 20 V+ = +28V V- = 0 V+ = +36V V- = 0 24 30 36 0 0 -15 -10 -5 0 VCOM (V) 5 10 15 0 0 6 12 18 VCOM (V) ON-RESISTANCE vs. VCOM AND TEMPERATURE (SINGLE SUPPLY) DG411 toc04 ON/OFF-LEAKAGE CURRENT vs. TEMPERATURE DG411 toc05 CHARGE INJECTION vs. VCOM DG411 toc06 100 V+ = +12V V- = 0 80 TA = +85C RON () 60 TA = +25C TA = -40C 10,000 1000 LEAKAGE CURRENT (pA) 100 10 ICOM(OFF) 1 0.1 0.01 DUAL SUPPLIES: V+ = +15V, V- = -15V -40 -15 10 35 60 INO(OFF), INC(OFF) ICOM(ON) 40 30 20 Q (pC) DUAL SUPPLIES: 15V 10 0 -10 -20 40 20 SINGLE SUPPLY: +12V 0 0 2 4 6 VCOM (V) 8 10 12 85 -15 -10 -5 0 VCOM (V) 5 10 15 TEMPERATURE (C) SUPPLY CURRENT vs. TEMPERATURE DUAL SUPPLIES: V+ = +15V, V- = -15V, VIN_ = +5V 400 SUPPLY CURRENT (A) IGND I+ DG411 toc07 LOGIC-LEVEL THRESHOLD VOLTAGE vs. SUPPLY VOLTAGE DG411 toc08 TURN-ON/TURN-OFF TIMES vs. SUPPLY VOLTAGE (DUAL SUPPLIES) DG411 toc09 500 3.0 300 250 200 150 100 tON THRESHOLD VOLTAGE (V) 2.5 tON/tOFF (ns) 300 2.0 200 100 1.5 DUAL OR SINGLE SUPPLIES 1.0 50 0 5 10 15 20 25 30 35 40 5 tOFF I- 0 -40 -15 10 35 60 85 TEMPERATURE (C) 10 15 20 SUPPLY VOLTAGE (V) SUPPLY VOLTAGE (V+, V-) 6 _______________________________________________________________________________________ Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F Typical Operating Characteristics (continued) (TA = +25C, unless otherwise noted.) TURN-ON/TURN-OFF TIMES vs. SUPPLY VOLTAGE (SINGLE SUPPLY) DG411 toc10 TURN-ON/TURN-OFF TIMES vs. TEMPERATURE (DUAL SUPPLIES) DG411 toc11 TURN-ON/TURN-OFF TIMES vs. TEMPERATURE (SINGLE SUPPLY) V+ = +12V, V- = 0 150 DG411 toc12 200 120 100 80 DUAL SUPPLIES: 15V 200 150 tON/tOFF (ns) tON/tOFF (ns) tON/tOFF (ns) tON 60 tOFF 40 50 tOFF V- = GND 0 9 18 27 36 SUPPLY VOLTAGE (V+) 0 -40 -15 10 35 60 85 TEMPERATURE (C) 20 tON 100 100 tON 50 tOFF 0 -40 -15 10 35 60 85 TEMPERATURE (C) FREQUENCY RESPONSE DG411 toc13 TOTAL HARMONIC DISTORTION vs. FREQUENCY DG411 toc14 FAULT CURRENT vs. FAULT VOLTAGE (DUAL SUPPLIES) 150 100 DUAL SUPPLIES: V+ = +15V, V- = -15V DG411 toc15 20 0 1 V+ = +15V, V- = -15V ON-RESPONSE 15V DUAL SUPPLIES IN = OUT = 600, VP-P = 5V 200 -20 LOSS (dB) -40 OFF-ISOLATION -60 -80 -100 -120 0.001 THD (%) 0.1 ICOM (A) 0.01 50 0 -50 -100 CROSSTALK 0.001 0.01 0.1 1 10 100 10 100 1k FREQUENCY (Hz) 10k 100k FREQUENCY (MHz) -150 -200 -60 -40 -20 FOR |VCOM| < VSUPPLY, ICOM = VCOM/RL 0 VCOM (V) 20 40 60 FAULT CURRENT vs. FAULT VOLTAGE (SINGLE SUPPLY) 150 100 ICOM (A) 50 0 -50 -100 -150 -200 -60 -40 -20 0 VCOM (V) 20 40 60 FOR 0V < VCOM < VSUPPLY, ICOM = VCOM/RL DG411 toc16 200 _______________________________________________________________________________________ 7 Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F Typical Operating Characteristics (continued) (TA = +25C, unless otherwise noted.) INPUT OVERVOLTAGE vs. OUTPUT DG411 toc17 FAULT STEP RESPONSE (POSITIVE INPUT) DG411 toc18 +25V VNO_, VNC_ INPUT GND +15V VCOM_ OUTPUT -22V GND -15V 20ms/div 2ms/div +25V VNO_, VNC_ INPUT +5V GND VCOM_ OUTPUT GND FAULT STEP RESPONSE (NEGATIVE INPUT) DG411 toc19 FAULT RECOVERY TIME (POSITIVE INPUT) DG411 toc20 GND -5V VNO_, VNC_ INPUT -25V VNO_, VNC_ INPUT +25V +5V GND GND VCOM_ OUTPUT -5V VCOM_ OUTPUT +5V GND 2ms/div 1s/div FAULT RECOVERY TIME (NEGATIVE INPUT) DG411 toc21 FAULT RESPONSE (V+ = 0, V- = -15V) DG411 toc22 +25V VNO_, VNC_ INPUT GND -5V VNO_, VNC_ INPUT -25V GND VCOM_ OUTPUT GND -5V VCOM_ OUTPUT -25V GND 1s/div 2ms/div 8 _______________________________________________________________________________________ Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches Pin Description PIN NAME DG411F 1, 16, 9, 8 2, 15, 10, 7 3, 14, 11, 6 -- -- -- 4 5 12 13 DG412F 1, 16, 9, 8 2, 15, 10, 7 -- 3, 14, 11, 6 -- -- 4 5 12 13 DG413F 1, 16, 9, 8 2, 15, 10, 7 -- -- 3, 6 14, 11 4 5 12 13 IN1, IN2, IN3, IN4 COM1, COM2, COM3, COM4 NC1, NC2, NC3, NC4 NO1, NO2, NO3, NO4 NO1, NO4 NC2, NC3 VGND N.C. V+ Logic Control Digital Inputs Analog Switch Common Terminals Analog Switch Normally Closed Terminals Analog Switch Normally Open Terminals Analog Switch Normally Open Terminals Analog Switch Normally Closed Terminals Negative-Supply Voltage Input. Connect to GND for singlesupply operation. Bypass with a 0.1F capacitor to GND. Ground. Connect to digital ground. No Connection. Not internally connected. Positive-Supply Voltage Input. Bypass with a 0.1F capacitor to GND. FUNCTION DG411F/DG412F/DG413F Detailed Description The DG411F/DG412F/DG413F are fault-protected CMOS analog switches with unique operation and construction. These switches differ considerably from traditional fault-protection switches, with several advantages. First, they are constructed with two parallel FETs, allowing very low on-resistance when the switch is on. Second, they allow signals on the NO_ or NC_ pins that are within, or slightly beyond, the supply rails to be passed through the switch to the COM_ terminal (or vice versa), allowing true rail-to-rail signal operation. Third, the DG411F/DG412F/DG413F have the same fault-protection performance on any of the NO_, NC_, or COM_ switch inputs. Operation is identical for both fault polarities. The fault protection extends to 36V from GND with 15V supplies. During a fault condition, the particular overvoltage input (COM_, NO_, NC_) pin becomes high impedance regardless of the switch state or load resistance. When power is removed, the fault protection is still in effect. In this case, the COM_, NO_, or NC_ terminals are a virtual open circuit. The fault can be up to 40V with power off. The switches turn off when V+ is not powered, regardless of V-. direct replacement in existing printed circuit boards since the NO_, NC_, and COM_ pins of each switch are fault protected. Internal Construction Internal construction is shown in Figure 1, with the analog signal paths shown in bold. A single NO switch is shown. The NC configuration is identical except the logic-level translator becomes an inverter. The analog switch is formed by the parallel combination of N-channel FET (N1) and P-channel FET (P1), which are driven on and off simultaneously according to the input fault condition and the logic-level state. Normal Operation Two comparators continuously compare the voltage on the COM_, NO_, and NC_ pins with V+ and V-. When the signal on COM_, NO_, or NC_ is between V+ and V-, the switch acts normally, with FETs N1 and P1 turning on and off in response to IN_ signals. The parallel combination of N1 and P1 forms a low-value resistor between NO_ (or NC_) and COM_ so that signals pass equally well in either direction. Positive Fault Condition When the signal on NO_ (or NC_) and COM_ exceeds V+ by about 50mV, the high-fault comparator output is high, turning off FETs N1 and P1. This makes the NO_ (or NC_) and COM_ pins high impedance regardless of 9 Pin Compatibility These switches have identical pinouts to common nonfault-protected CMOS switches. They allow for carefree _______________________________________________________________________________________ Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F the switch state. If the switch state is off, all FETs are turned off and both NO_ (or NC_) and COM_ are high impedance. V+ and GND power the internal logic and logic-level translators and set the input logic thresholds. The logiclevel translators convert the logic levels to switched V+ and V- signals to drive the gates of the analog switches. This drive signal is the only connection between the power supplies and the analog signals. Negative Fault Condition When the signal on NO_ (or NC_) and COM_ exceeds V- by about 50mV, the low-fault comparator output is high, turning off FETs N1 and P1. This makes the NO_ (or NC_) and COM_ pins high impedance regardless of the switch state. If the switch state is off, all FETs are turned off and both NO_ (or NC_) and COM_ are high impedance. IN_ Logic-Level Thresholds The logic-level thresholds are CMOS and TTL compatible when V+ is +15V. As V+ is raised, the threshold increases slightly, and when V+ reaches 25V, the level threshold is about 2.3V, above the TTL output high-level minimum of 2.4V, but still compatible with CMOS outputs (see the Typical Operating Characteristics). V- has no effect on the logic-level thresholds. Transient Fault Response and Recovery When a fast rise-time and fall-time transient on NO_, NC_, or COM_ exceeds V+ or V-, the output follows the input to the supply rail with only a few nanoseconds delay. This delay is due to the switch on-resistance and circuit capacitance to ground. When the input transient returns to within the supply rails, however, there is a longer output recovery time delay. For positive faults, the recovery time is typically 1s. For negative faults, the recovery time is typically 0.5s. These values depend on the output resistance and capacitance, and are not production tested or guaranteed. The delays are not dependent on the fault amplitude. Higher load resistance and capacitance increase recovery times. Bipolar Supplies The DG411F/DG412F/DG413F operate with bipolar supplies between 4.5V and 20V. The V+ and V- supplies need not be symmetrical, but their difference cannot exceed the absolute maximum rating of 44V. Single Supply The DG411F/DG412F/DG413F operate from a single supply between +9V and +36V when V- is connected to GND. Fault-Protection Voltage and Power Off The maximum fault voltage on the NO_ (or NC_) and COM_ pins is 36V with power applied and 40V with power off. Ordering Information (continued) PART DG412FEUE DG412FDY DG412FDJ DG413FEUE DG413FDY DG413FDJ TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PIN-PACKAGE 16 TSSOP 16 SO 16 Plastic DIP 16 TSSOP 16 SO 16 Plastic DIP Failure Modes Exceeding the fault-protection voltage limits on NO_, NC_, or COM_, even for very short periods, can cause the device to fail. See the Absolute Maximum Ratings. The failure modes may not be obvious, and failure in one switch may or may not affect other switches in the same package. Ground There is no galvanic connection between the analog signal paths and GND. The analog signal paths consist of an N-channel and P-channel MOSFET with their sources and drains paralleled and their gates driven out of phase to V+ and V- by the logic-level translators. However, the potential of the analog signals must be defined or at least limited with respect to GND. Chip Information TRANSISTOR COUNT: 251 PROCESS: CMOS SUBSTRATE CONNECTED TO: V+ 10 ______________________________________________________________________________________ Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F Test Circuits/Timing Diagrams NORMALLY OPEN SWITCH CONSTRUCTION V+ HIGH FAULT P1 NO_ LOW FAULT COM_ N1 IN_ ON GND DG411F DG412F DG413F VESD DIODE Figure 1. Functional Diagram V+ V+ 3V NO_ OR NC_ 10V VIN_ 0V VIN_ 50% DG411F DG412F DG413F COM_ GND VVRL CL VOUT VOUT 10V 90% 90% 0V tOFF tON V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION. Figure 2. Switch Turn-On/Turn-Off Times ______________________________________________________________________________________ 11 Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F Test Circuits/Timing Diagrams (continued) V+ VIN_ IN_ IN_ V+ 3V NO_ NC_ 10V VIN_ 50% 0V tF < 5ns tR < 5ns DG413F COM_ COM_ GND VVRL CL VOUT VNO_, VNC_ 90% VOUT 0V tBBM V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION. Figure 3. DG413F Break-Before-Make Interval V+ VIN_ IN_ V+ RGEN NO_ OR NC_ 3V VGEN VOUT CL VV- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION. VOUT IS THE MEASURED VOLTAGE DUE TO CHARGETRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF Q = VOUT x CL VIN_ 0V VOUT VOUT DG411F DG412F DG413F COM_ GND V- Figure 4. Charge Injection V+ V+ V+ NO_ IN_ DG411F NC_ DG412F DG413F GND COM_ VV- 1MHz CAPACITANCE ANALYZER V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION. Figure 5. COM_, NO_, NC_ Capacitance 12 ______________________________________________________________________________________ Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches Test Circuits/Timing Diagrams (continued) V+ 10nF 50 RESISTOR ONLY NEEDED FOR CROSSTALK AND ISOLATION VIN V+ 3.0V COM_ 50 DG411F/DG412F/DG413F NETWORK ANALYZER 50 IN_ DG411F DG412F DG413F NO_, NC_ GND V- 50 VOUT MEAS REF 50 10nF VMEASUREMENTS ARE STANDARDIZED AGAINST SHORT AND OPEN AT SOCKET TERMINALS. OFF-ISOLATION IS MEASURED BETWEEN COM_ AND "OFF" NO_ OR NC_ TERMINALS. ON-RESPONSE IS MEASURED BETWEEN COM_ AND "ON" NO_ OR NC_ TERMINALS. CROSSTALK IS MEASURED BETWEEN COM_ TERMINALS WITH ALL SWITCHES ON. V- IS CONNECTED TO GND (0V) FOR SINGLE-SUPPLY OPERATION. 50 Figure 6. Frequency Response, Off-Isolation, and Crosstalk Pin Configurations (continued) TOP VIEW IN1 COM1 NO1 VGND NO4 COM4 IN4 1 2 3 4 5 6 7 8 16 IN2 15 COM2 14 NO2 13 V+ IN1 COM1 NO1 VGND NO4 COM4 IN4 1 2 3 4 5 6 7 8 16 IN2 15 COM2 14 NC2 13 V+ DG412F 12 N.C. 11 NO3 10 COM3 9 IN3 DG413F 12 N.C. 11 NC3 10 COM3 9 IN3 DIP/TSSOP/SO DG412F LOGIC SWITCH 0 1 OFF ON DIP/TSSOP/SO LOGIC 0 1 DG413F SWITCHES SWITCHES 2, 3 1, 4 OFF ON ON OFF N.C. = NOT CONNECTED. SWITCHES SHOWN FOR LOGIC "0" INPUT. ALL SWITCHES ARE OFF WITH POWER REMOVED ______________________________________________________________________________________ 13 Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F Package Information (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) 14 ______________________________________________________________________________________ PDIPN.EPS Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches Package Information (continued) (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) DG411F/DG412F/DG413F ______________________________________________________________________________________ TSSOP,NO PADS.EPS 15 Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches DG411F/DG412F/DG413F Package Information (continued) (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information, go to www.maxim-ic.com/packages.) 16L SOIC.EPS Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2002 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |
Price & Availability of DG412F |